| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS3208IPZPR Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3208IPZPR Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 79 page ![]() Start of Channel Status Block Audio Data Preamble Bits: 0 3 4 7 8 27 28 29 30 31 Aux Data LSB MSB V U C P Channel A Channel A Channel A Channel B Channel B Channel B Z Y Y X X Validity Data User Data Parity Bit Frame 191 Frame 0 Frame 1 One Sub-Frame Channel Status Data TAS3208 www.ti.com SLES201E – JANUARY 2007 – REVISED MARCH 2011 Figure 14. SPDIF Frame Format SPDIF Encoder Operation The SPDIF encoder performs the multiplexing of audio, channel status, user, and validity flag. It also performs biphase mark encoding of the multiplexed data stream. Audio data for both left and right channels from the DAP are latched at the rising edge of the internal LRCLK, which marks the beginning of next sample cycle. The SPDIF encoder then multiplexes these samples with internally-generated preambles, channel status, user data, validity flag, and parity. The channel status and validity flag are generated based on the settings in the SPDIF control registers, while the user data is fixed to all zero. The biphase mark-encoded signal is then output starting at the next rising edge of the internal LRCLK. The generated SPDIF stream is fixed to consumer-mode linear audio PCM format. While the RESET input is low, the transmitter output (SPDIF_OUT) is forced to logic low level. Upon setting RESET high, the SPDIF encoder remains inactive until the module reset is removed by writing 0 to the RST bit of the control register. Then this module will wait for synchronization with the internal frame clock and start encoding audio data. It is recommended to set all other SPDIF control register bits before releasing the module reset. Transmitter Control Register Table 3 shows the M8051 SFR register map for the SPDIF module control. Table 3. M8051 SFR Register Map ADDR 7 6 5 4 3 2 1 0 xx00 RST CP EMP xx01 CATEGORY L xx10 SR VL VR SRCNUM xx11 CLKAC WORDLEN The relationship of the M8051 SFR register map with I2C registers is described in Table 4. Copyright © 2007–2011, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Link(s): TAS3208 |