Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM4204PAPR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM4204PAPR
Description  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR Fiches technique(HTML) 3 Page - Texas Instruments

  PCM4204PAPR Datasheet HTML 1Page - Texas Instruments PCM4204PAPR Datasheet HTML 2Page - Texas Instruments PCM4204PAPR Datasheet HTML 3Page - Texas Instruments PCM4204PAPR Datasheet HTML 4Page - Texas Instruments PCM4204PAPR Datasheet HTML 5Page - Texas Instruments PCM4204PAPR Datasheet HTML 6Page - Texas Instruments PCM4204PAPR Datasheet HTML 7Page - Texas Instruments PCM4204PAPR Datasheet HTML 8Page - Texas Instruments PCM4204PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, all characteristics specified with TA = +25°C, VCC = +5V, VDD = +3.3V, system clock (SCKI) is 512fS for Single Rate
Sampling, 256fS for Dual Rate Sampling, or 128fS for Quad Rate Sampling. The device is operated in Master mode for all dynamic performance
measurements.
PCM4204
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Formats (PCM)
Left and Right Justified, I2S, TDM
Audio Data Word Length (PCM)
24
Bits
Binary Data Format (PCM)
Two’s Complement Binary, MSB First
DSD Output Format and Word Length
1-Bit Data
Bits
DIGITAL INPUT/OUTPUT
Input Logic Level
VIH
0.7 x VDD
VDD
V
VIL
0
0.3 x VDD
V
Output Logic Level
VOH
IOH = −2mA
0.8 x VDD
VDD
V
VOL
IOH = +2mA
0
0.2 x VDD
V
Input Leakage
Current(1)
IIH
VIN = VDD
+1
+10
µA
IIL
VIN = 0V
−1
−10
µA
Input Leakage
Current(2)
IIH
VIN = VDD
+35
+100
µA
IIL
VIN = 0V
−35
−100
µA
CLOCK FREQUENCIES
System Clock Frequency, fSCKI
Single Rate Sampling Mode
6.144
38.4
MHz
Dual Rate Sampling Mode
12.8
38.4
MHz
Quad Rate Sampling Mode
12.8
38.4
MHz
Sampling Frequency, fS
Single Rate Sampling Mode
24
54
kHz
Dual Rate Sampling Mode
54
108
kHz
Quad Rate Sampling Mode
108
216
kHz
ANALOG INPUTS
Full Scale Input Voltage
Differential Input
6.0
VPP
Average Input Impedance
3
k
Ω
Common-mode Rejection
85
dB
DC SPECIFICATIONS
VCOM12, VCOM34 Output Voltage
+2.5
V
VCOM12, VCOM34 Output Current
200
µA
(1) Applies to the FMT0, FMT1, FMT2, S/M, FS0, FS1, FS2, HPFD, BCK, LRCK, SUB, DSDCLK, DSD1, DSD2, DSD3, DSD4, and SCKI pins.
(2) Applies to the TEST and RST pins.
(3) Typical performance is measured using an Audio Precision System Two Cascade or Cascade Plus test system. The measurement bandwidth
is limited using the Audio Precision 22Hz high-pass filter in combination with either a 20kHz low-pass filter for fS = 48kHz or a 40kHz low-pass
filter for fS = 96kHz and 192kHz. All A-weighted measurements are performed using the A-weighting filter in combination with the band limiting
filters already mentioned. The measurements are made with the RMS detector selected.
(4) A 256fS system clock is used at final production test for fS = 48kHz measurements.
(5) Typical DSD performance is measured using an Audio Precision System Two Cascade or Cascade Plus test system. The measurement
bandwidth is limited using the Audio Precision 22Hz high-pass filter in combination with a 20kHz low-pass filter. All A-weighted measurements
are performed using the A-weighting filter in combination with the band limiting filter already mentioned. The measurements are made with the
RMS detector selected. The 1-bit DSD data is converted to 24-bit linear PCM data for measurement using a PCM4204 configured for DSD input
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com