| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320C31PQL80 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL80 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 22 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 XF0 timing when executing STFI and STII† The following table defines the timing parameters for the XF0 pin during execution of STFI or STII. The number shown in Figure 16 corresponds with the number in the NO. column of the table below. timing parameters for XF0 when executing STFI or STII (see Figure 16) NO. ’LC31-33 ’C31-40 ’LC31-40 ’C31-50 ’C31-60 ’C31-80 UNIT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 28 td(H3H-XF0H) Delay time, H3 high to XF0 high 15 13 12 11 8 ns † XF0 is always set high at the beginning of the execute phase of the interlock-store instruction. When no pipeline conflicts occur, the address of the store is also driven at the beginning of the execute phase of the interlock-store instruction. However, if a pipeline conflict prevents the store from executing, the address of the store will not be driven until the store can execute. H3 H1 STRB R/W A D RDY XF0 Pin Fetch STFI or STII Read Execute 28 Decode Figure 16. Timing for XF0 When Executing an STFI or STII |