| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320C31PQL80 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL80 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 2 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 description (continued) General-purpose applications are greatly enhanced by the large address space, multiprocessor interface, internally and externally generated wait states, one external interface port, two timers, one serial port, and multiple-interrupt structure. The TMS320C3x supports a wide variety of system applications from host processor to dedicated coprocessor. High-level-language support is easily implemented through a register-based architecture, large address space, powerful addressing modes, flexible instruction set, and well-supported floating-point arithmetic. TMS320C31 and TMS320LC31 pinout (top view) The TMS320C31 and TMS320LC31 devices are packaged in 132-pin plastic quad flatpacks (PQ Suffix). A8 A7 A5 VDD A4 A3 A2 A1 A0 VSS D31 VDD VDD D30 VSS VSS D29 D28 VDD D27 VSS D26 D25 D24 D23 D22 D21 VSS X2/CLKIN HOLDA HOLD VDD RDY STRB R/W RESET XF0 VDD XF1 IACK INT0 VSS VSS VDD VDD INT2 INT3 DR0 VSS FSR0 CLKR0 CLKX0 VSS FSX0 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 36 50 49 48 47 46 45 44 43 42 41 40 39 38 37 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 80 81 82 83 79 A9 VSS A6 VSS VDD D20 VDD DX0 INT1 X1 VSS VSS PQ PACKAGE (TOP VIEW) |