Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320C31PQL60 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Fiches technique(HTML) 3 Page - Texas Instruments

  TMS320C31PQL60 Datasheet HTML 1Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 2Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 3Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 4Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 5Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 6Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 7Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TMS320C31 and TMS320LC31 Terminal Assignments (Alphabetical)†
TERMINAL
TERMINAL
TERMINAL
TERMINAL
TERMINAL
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
A0
29
D4
76
EMU0
124
VDD
40
VSS
84
A1
28
D5
75
EMU1
125
VDD
49
VSS
85
A2
27
D6
73
EMU2
126
VDD
59
VSS
86
A3
26
D7
72
EMU3
123
VDD
65
VSS
101
A4
25
D8
68
FSR0
110
VDD
66
VSS
102
A5
23
D9
67
FSX0
114
VDD
74
VSS
109
A6
22
D10
64
H1
81
VDD
83
VSS
113
A7
21
D11
63
H3
82
VDD
91
VSS
117
A8
20
D12
62
HOLD
90
VDD
97
VSS
119
A9
18
D13
60
HOLDA
89
VDD
104
VSS
128
A10
16
D14
58
IACK
99
VDD
105
X1
88
A11
14
D15
56
INT0
100
VDD
115
X2/CLKIN
87
A12
13
D16
55
INT1
103
VDD
121
XF0
96
A13
12
D17
54
INT2
106
VDD
131
XF1
98
A14
11
D18
53
INT3
107
VDD
132
A15
10
D19
52
MCBL/MP
127
VSS
3
A16
9
D20
50
RDY
92
VSS
4
A17
8
D21
48
RESET
95
VSS
17
A18
7
D22
47
R/W
94
VSS
19
A19
5
D23
46
SHZ
118
VSS
30
A20
2
D24
45
STRB
93
VSS
35
A21
1
D25
44
TCLK0
120
VSS
36
A22
130
D26
43
TCLK1
122
VSS
37
A23
129
D27
41
VSS
42
CLKR0
111
D28
39
VSS
51
CLKX0
112
D29
38
VDD
6
VSS
57
D0
80
D30
34
VDD
15
VSS
61
D1
79
D31
31
VDD
24
VSS
69
D2
78
DR0
108
VDD
32
VSS
70
D3
77
DX0
116
VDD
33
VSS
71
† VDD and VSS pins are on a common plane internal to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48