| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM640 Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM640 Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 171 page ![]() CPU (DSP Core) Description 24 June 2003 − Revised August 2004 SPRS222C .L1 .S1 .M1 .D1 .D2 .M2 .S2 .L2 src1 long dst 8 8 src2 DA1 (Address) ST1b (Store Data) ST2a (Store Data) Register File A (A0−A31) 8 8 8 8 dst Data Path A DA2 (Address) Register File B (B0− B31) LD2a (Load Data) Data Path B Control Register File ST2b (Store Data) LD1b (Load Data) 8 8 2X 1X ST1a (Store Data) See Note A See Note A LD1a (Load Data) LD2b (Load Data) See Note A See Note A 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs src2 src1 dst long dst long src long src long dst dst src1 src2 src1 src2 src2 src1 dst src2 src1 dst src2 long dst src2 src1 dst long dst long dst long src long src long dst dst dst src2 src1 dst NOTE A: For the .M functional units, the long dst is 32 MSBs and the dst is 32 LSBs. Figure 1−2. TMS320C64x CPU (DSP Core) Data Paths |