Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM640 Fiches technique(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Fiches technique(HTML) 78 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 74Page - Texas Instruments TMS320DM640 Datasheet HTML 75Page - Texas Instruments TMS320DM640 Datasheet HTML 76Page - Texas Instruments TMS320DM640 Datasheet HTML 77Page - Texas Instruments TMS320DM640 Datasheet HTML 78Page - Texas Instruments TMS320DM640 Datasheet HTML 79Page - Texas Instruments TMS320DM640 Datasheet HTML 80Page - Texas Instruments TMS320DM640 Datasheet HTML 81Page - Texas Instruments TMS320DM640 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 171 page
background image
Device Configurations
78
June 2003 − Revised August 2004
SPRS222C
Shading denotes a peripheral module not available for this configuration.
HPI
(16-Bit)
EMAC
MDIO
VP0
(8-Bit)
McBSP0
McASP0 Data
McBSP1
EMIFA
Clock
and
System
GP0
and
EXT_INT
I2C0
TIMER0
TIMER1
TIMER2
McASP0 Control
16
HD[15:0]
MTXD[3:0], MTXEN
MRXD[3:0], MRXER,
MRXDV, MCOL, MCRS,
MTCLK, MRCLK
MDIO, MDCLK
VP0CLK0
VP0CLK1,
VP0CTL[2:0],
VP0D[7:0]
VP1
(8-Bit)
VP1CLK0
VP1CLK1,
VP1CTL[2:0],
VP1D[7:0]
AED[31:0]
32
AECLKIN, AARDY, AHOLD
AEA[22:3], ACE[3:0], ABE[3:0],
AECLKOUT1, AECLKOUT2,
ASDCKE, ASOE3, APDT,
AHOLDA, ABUSREQ,
AARE/ASDCAS/ASADS/ASRE,
AAOE/ASDRAS/ASOE,
AAWE/ASDWE/ASWE
CLKIN,
CLKMODE0, CLKMODE1
CLKOUT4, CLKOUT6, PLLV
SCL0
SDA0
TINP0
TOUT0/MAC_EN
TINP1
TOUT1/LENDIAN
HRDY, HINT
HCNTL0, HCNTL1,
HHWIL, HAS, HR/W,
HCS, HDS1, HDS2
GP0[3:0]
GP0[7:4]
STCLK†
STCLK†
AHCLKX0, AFSX0,
ACLKX0, AMUTE0,
AMUTEIN0,
AHCLKR0, AFSR0,
ACLKR0
AXR0[3:0]
† STCLK supports both video ports (VP1 and VP0).
PERCFG Register Value:
0x0000 0039
Extenal Pins:
TOUT0/MAC_EN = 1
VIC
VDAC
Figure 2−6. Configuration Example A for DM641
(2 8-Bit Video Ports + 1 McASP0 + VIC + I2C0 + EMIF)
[TBD Application]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More