Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSC Fiches technique(PDF) 2 Page - DDK Ltd.

No de pièce PSC
Description  SMB Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSC Fiches technique(HTML) 2 Page - DDK Ltd.

  PSC Datasheet HTML 1Page - DDK Ltd. PSC Datasheet HTML 2Page - DDK Ltd. PSC Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.ddknet.co.jp
Unit:mm
PSC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Part Number
Contact
Outer
Conductor
Applicable Cable
PSC-LP-1.5DW-CR1
Au
Ni
1.5D-2W Equivalent
1.5D-HQ・SUPER(Fujikura)
Equivalent
PSC-LP-1.5DW-CR1-D1
Au
PSC-LP-316U-CR1
Au
Ni
RG-316/U Equivalent
PSC-LP-316U-CR1-D1
Au
Part Number
Contact
Outer Conductor
Packaging style
Quantity
PSC-SR-PS-D2
Au
Au
Embossed packaging
1000 pcs / reel
2
Part Number
Contact
Outer
Conductor
Applicable Cable
PSC-LP-FCCAX1-SO
Au
Ni
FCCAXB1(NIssei)Equivalent
(UT-85 Equivalent Semi-flexible
Cable)
PSC-LP-FCCAX1-SO-D1
Au
SMT Type
○Plug Connector
◎ Please favor us your cable assembly order to assure the performance.
0.15
Contact Thickness
0.3
Body Thickness
5.6
0.5
6
PCB Land Reference Dimensions
0.3
1
0.8
5.3
6.6
0.3
0.7
4.1
1.95
1.5±0.05
1.8±0.05
6.6±0.05
2-1±0.05
2-1±0.05
2-45°
SIG
GND
Pattern
Prohibited Area
Metal Mask Dimensions(t=0.1~0.15㎜)
φ4.3
(7.9)
(φ3.1)
7.55
◎Please favor us your cable assembly order to assure the performance.
※ Appearance is exactly same.
○Straight Receptacle Connector
※ This product will be sold in 1000 pieces / reel



Html Pages

1 2 3