| Moteur de recherche de fiches techniques de composants électroniques |
|
SS648 Fiches technique(PDF) 6 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS648 Fiches technique(HTML) 6 Page - SEC Electronics Inc. |
|
6 / 10 page ![]() SS648 CMOS Omnipolar High Sensitivity Micropower Hall Switch 6 V3.1 Nov 1, 2013 Unique Features CMOS Hall IC Technology The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage, which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated circuitry to be placed in less space. The small chip size also contributes to lower physical stress and less power consumption. Installation Comments Consider temperature coefficients of Hall IC and magnetics , as well as air gap and life time variations. Observe temperature limits during wave soldering. Typical IR solder-reflow profile: − No Rapid Heating and Cooling. − Recommended Preheating for max. 2minutes at 150 °C − Recommended Reflowing for max. 5seconds at 240 °C |