| Moteur de recherche de fiches techniques de composants électroniques |
|
SS648 Fiches technique(PDF) 2 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS648 Fiches technique(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 10 page ![]() SS648 CMOS Omnipolar High Sensitivity Micropower Hall Switch 2 V3.1 Nov 1, 2013 Typical Application Circuit SEC's pole-independent sensing technique allows for operation with either a north pole or south pole mag- net orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same output polarity for either pole face. It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor) between the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization technique. This is especially true due to the relatively high impedance of battery supplies. Functional Block Diagram VDD OUT Sleep/Awake Logic Chopper Hall Plate GND |