Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS443LSOT Fiches technique(PDF) 2 Page - SEC Electronics Inc.

No de pièce SS443LSOT
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443LSOT Fiches technique(HTML) 2 Page - SEC Electronics Inc.

  SS443LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS443LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS443LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS443LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS443LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS443LSOT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Description
The SS443 is a unipolar Hall-effect sensor IC fabricated
from bipolar technology. The device integrates a volt-
age regulator, reverse battery protection diode, Hall
sensor with dynamic offset cancellation system, tem-
perature compensation circuitry, small signal amplifier,
Schmitt trigger and an open-collector output to sink up
to 25 mA. With suitable output pull up, they can be
used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated
circuits with tighter magnetic specifications, designed to
operate continuously over extended temperatures to
+150°C,and are more stable with both temperature and
supply voltage changes. The unipolar switching charac-
teristic makes these devices ideal for use with a simple
bar or rod magnet.
Thanks to its wide operating voltage range and extend-
ed choice of temperature range, it is quite suitable for
use in automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor
(SOT) or in a Plastic Single In Line (SIP 3L flat). Both
3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6