| Moteur de recherche de fiches techniques de composants électroniques |
|
SS443LSOT Fiches technique(PDF) 1 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS443LSOT Fiches technique(HTML) 1 Page - SEC Electronics Inc. |
|
1 / 6 page ![]() SS443 Unipolar Hall-Effect Digital Switch 1 V3.10 Nov 1, 2013 Features and Benefits – 4.5V to 24V Operation – -40°C to 150°C Superior temperature operation – Bipolar technology – Open-collector 25 mA output – Reverse battery protection – Small Size SOT23 3L or SIP 3L – Solid-state reliability – Resistant to physical stress – Activate with small, commercially available Permanent magnets Application Examples − Automotive, Consumer and Industrial − Solid-state switch − Brushless DC motor commutation − Speed detection − Linear position detection − Angular position detection − Proximity detection 3 pin SOT23 (suffix SO) 3 pin SIP (suffix UA) VDD OUT Voltage Regulatr Chopper Hall Plate GND SIP Package SOT Package Pin 1 – VDD Pin 1 – VDD Pin 2 – GND Pin 2 – OUT Pin 3 – OUT Pin 3 – GND Functional Block Diagram |
Numéro de pièce similaire - SS443LSOT |
|
Description similaire - SS443LSOT |