Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT82C596 Fiches technique(PDF) 49 Page - List of Unclassifed Manufacturers

No de pièce VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Fiches technique(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-43-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 7B-78 – Programmable Chip Select Control .......RW
31-16 PCS1 I/O Port Address [15-0]
15-0 PCS0 I/O Port Address [15-0]
Offset 7F-7C – PC/PCI Control .......................................RW
31-11 Reserved
........................................ always reads 0
10
PCI DMA Pair C Enable
0
Disable ...................................................default
1Enable
9
PCI DMA Pair B Enable
0
Disable ...................................................default
1Enable
8
PCI DMA Pair A Enable
0
Disable ...................................................default
1Enable
7
PCI DMA Channel 7 Enable
0
Disable ...................................................default
1Enable
6
PCI DMA Channel 6 Enable
0
Disable ...................................................default
1Enable
5
PCI DMA Channel 5 Enable
0
Disable ...................................................default
1Enable
4
Reserved
........................................ always reads 0
3
PCI DMA Channel 3 Enable
0
Disable ...................................................default
1Enable
2
PCI DMA Channel 2 Enable
0
Disable ...................................................default
1Enable
1
PCI DMA Channel 1 Enable
0
Disable ...................................................default
1Enable
0
PCI DMA Channel 0 Enable
0
Disable ...................................................default
1Enable
Offset 80 – Programmable Chip Select Mask ................ RW
7-4
PCS1 I/O Port Address Mask bits 3-0
3-0
PCS0 I/O Port Address Mask bits 3-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96