Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT82C596B Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-6-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Figure 4. VT82C596B Pin List (Alphabetical Order)
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
P01
IO A20GATE / MSCK
K19
I
FERR#
K01
IO KBCS#/GPO26/MSDT M18
I
PWRGD
B13
IO SDD09
M20 OD A20M#
A05
IO FRAME#
Y15
IO LA17 / GPO1
N20
I
RCIN#
D13
IO SDD10
B10
IO AD00
D10
P
GND
T14
IO LA18 / GPO2
M01
I
REQA# / GPI2
B14
IO SDD11
A10
IO AD01
E07
P
GND
W14
IO LA19 / GPO3
N02
I
REQB# / GPI3
E14
IO SDD12
D09
IO AD02
E13
P
GND
U13
IO LA20 / GPO4
P03
I
REQC# / GPI4
A15
IO SDD13
C09
IO AD03
J09
P
GND
V13
IO LA21 / GPO5
W07
IO RFSH#
C15
IO SDD14
B09
IO AD04
J10
P
GND
Y13
IO LA22 / GPO6
P18
I
RI# / GPI12
D15
IO SDD15
A09
IO AD05
J11
P
GND
T12
IO LA23 / GPO7
K02
O
ROMCS#
A17
O
SDDACK#
D08
IO AD06
J12
P
GND
P16
I
LID / GPI10
M17
I
RSMRST#
A16
I
SDDRQ
E08
IO AD07
K09
P
GND
N04
O
MCCS#
W01
O
RSTDRV
C16
O
SDIOR#
B08
IO AD08
K10
P
GND
Y12
IO MCS16#
L01
O
RTCAS/GPO25
B16
O
SDIOW#
A08
IO AD09
K11
P
GND
V15
IO MEMR#
M02
O
RTCCS#/GPO24
J19
I
SERIRQ / GPI7
D07
IO AD10
K12
P
GND
U15
IO MEMW#
N19
I
RTCX1
A06
I
SERR#
C07
IO AD11
L09
P
GND
J04
I
NC / KEYLOCK
R20
O
RTCX2
D16
I
SDRDY
B07
IO AD12
L10
P
GND
M05
IO NC / KBDT
U11
IO SA00
K20
OD SLP#
A07
IO AD13
L11
P
GND
N03
IO NC / KBCK
T11
IO SA01
N17
I
SMBALRT#/GPI11
D06
IO AD14
L12
P
GND
M16
-
NC
W11
IO SA02
R19
IO SMBCLK
E06
IO AD15
M09
P
GND
N18
-
NC
Y11
IO SA03
T20
IO SMBDATA
E04
IO AD16
M10
P
GND
R05
-
NC
T10
IO SA04
W04
O
SMEMR#
C04
IO AD17
M11
P
GND
L20
OD NMI
W10
IO SA05
U03
O
SMEMW#
B04
IO AD18
M12
P
GND
V11
I
OSC
U09
IO SA06
P20
OD SMI#
A04
IO AD19
J05
P
GNDUSB
B06
O
PAR
V09
IO SA07
K17
O
SPKR
D03
IO AD20
N01
O
GNTA# / GPO9
C10
IO PCKRUN#
Y09
IO SA08
D05
IO STOP#
E03
IO AD21
P02
O
GNTB# / GPO10
D11
I
PCLK
T08
IO SA09
J18
OD STPCLK#
C03
IO AD22
P04
O
GNTC# / GPO11
E10
I
PCIREQA#
W08
IO SA10
W20
O
SUSA#
B03
IO AD23
P19
I
GPI1 / PME#
A11
I
PCIREQB#
U07
IO SA11
V19
O
SUSB# / GPO15
E02
IO AD24
L02
I
GPI13 / SLPBTN#
B11
I
PCIREQC#
V07
IO SA12
U18
O
SUSC# / GPO16
C02
IO AD25
J03
I
GPI14
C11
I
PCIREQD#
Y07
IO SA13
P17
O
SUSCLK
B02
IO AD26
L05
I
GPI15
A01
O
PCIRST#
V06
IO SA14
T17
O
SUSST1# / GPO20
A02
IO AD27
K03
I
GPI16
R02
O
PCISTP#/GPO18
Y06
IO SA15
T18
O
SUSST2# / GPO21
D01
IO AD28
K04
I
GPI17
L04
O
PCS0#
T05
IO SA16
V10
O
TC
E01
IO AD29
H01
I
GPI18
N05
O
PCS1#
W05
IO SA17
V18
I
TEST#
C01
IO AD30
H04
I
GPI19
G16
O
PDA0
U04
IO SA18
H19
I
THRM# / GPI8
B01
IO AD31
H05
I
GPI20
G18
O
PDA1
V04
IO SA19
C05
IO TRDY#
Y04
O
AEN
G03
I
GPI21
G17
O
PDA2
W12
IO SBHE#
L03
I
USBCLK
J17
O
APICAK#//D1/O12
G04
O
GPO00
H17
O
PDCS1#
V03
IO SD00
J01
I
USBOC0#
H18
O
APICCS#/D0/O13
T19
O
GPO08
H16
O
PDCS3#
W03
IO SD01
J02
I
USBOC1#
K18
I
APICRQ#/WSC#/I5 G05
O
GPO27
F20
IO PDD00
U02
IO SD02
H03
IO USBP0-
U10
O
BALE
F02
O
GPO28
E18
IO PDD01
T02
IO SD03
G02
IO USBP0+
U19
I
BATLOW# / GPI9
F03
O
GPO29 / SCIOUT#
E20
IO PDD02
W02
IO SD04
H02
IO USBP1-
T07
O
BCLK
F04
O
GPO30
D18
IO PDD03
Y02
IO SD05
F01
IO USBP1+
C08
IO CBE0#
A03
I
IDSEL
D20
IO PDD04
T01
IO SD06
L16
P
VBAT
C06
IO CBE1#
L17
OD IGNNE#
C20
IO PDD05
V01
IO SD07
E09
P
VCC
D04
IO CBE2#
L18
OD INIT
B20
IO PDD06
W16
IO SD08
E11
P
VCC
D02
IO CBE3#
L19
OD INTR
A20
IO PDD07
T16
IO SD09
E12
P
VCC
R17
I
CFG1
Y01
I
IOCHCK# / GPI0
A19
IO PDD08
Y17
IO SD10
E16
P
VCC
R18
I
CFG2
T03 IOD IOCHRDY
B19
IO PDD09
V17
IO SD11
F05
P
VCC
M19 OD CPURST
V12
IO IOCS16#
C19
IO PDD10
Y18
IO SD12
F06
P
VCC
R01
O
CPUSTP# / GPO17
Y05
IO IOR#
D19
IO PDD11
W18
IO SD13
F14
P
VCC
U14
O
DACK0#
T04
IO IOW#
D17
IO PDD12
Y19
IO SD14
F15
P
VCC
W06
O
DACK1#
B05
IO IRDY#
E19
IO PDD13
W19
IO SD15
G06
P
VCC
Y10
O
DACK2#
H20
O
IRQ0OUT / GPO14 E17
IO PDD14
C17
O
SDA0
P15
P
VCC
V05
O
DACK3#
J20
I
IRQ1
F19
IO PDD15
B17
O
SDA1
R06
P
VCC
T15
O
DACK5#
T09
I
IRQ3
G19
O
PDDACK#
A18
O
SDA2
R07
P
VCC
V16
O
DACK6#
W09
I
IRQ4
F18
I
PDDRQ
B18
O
SDCS1#
R15
P
VCC
W17
O
DACK7#
U08
I
IRQ5
F17
O
PDIOR#
C18
O
SDCS3#
T06
P
VCC
E05
IO DEVSEL#
V08
I
IRQ6
F16
O
PDIOW#
E15
IO SDD00
N16
P
VCCSUS
W15
I
DRQ0Y08
I
IRQ7
A12
I
PGNT#
B15
IO SDD01
R16
P
VCCSUS
U06
I
DRQ1Y20
I
IRQ8# / GPI6
B12
O
PREQ#
D14
IO SDD02
K05
P
VCCUSB
V02
I
DRQ2U01
I
IRQ9
G20
I
PDRDY
C14
IO SDD03
J16
P
VREF
U05
I
DRQ3U12
I
IRQ10
R03 IOD PIRQA#
A14
IO SDD04
M03
O
XDIR# / GPO22
Y16
I
DRQ5W13
I
IRQ11
R04 IOD PIRQB#
C13
IO SDD05
M04
O
XOE# / GPO23
U16
I
DRQ6T13
I
IRQ12
P05 IOD PIRQC#
A13
IO SDD06
Y03
I
ZWS#
U17
I
DRQ7V14
I
IRQ14
G01 IOD PIRQD#
C12
IO SDD07
K16
O
ZZ / GPO19
V20 IOD EXTSMI#
Y14
I
IRQ15
U20
I
PWRBTN#
D12
IO SDD08
Referenced to VCCSUS: BATLOW#, CFG1-2, EXTSMI#, GPI1, GPO8, IRQ8#, LID, PWRBTN#, PWRGD, RI#, RSMRST#, SUSA-C#, SUSST1-2#, TEST#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96