Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT82C596B Fiches technique(PDF) 71 Page - List of Unclassifed Manufacturers

No de pièce VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Fiches technique(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-65-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
System Management Bus-Specific Configuration Registers
Offset 93-90 – SMBus I/O Base........................................RW
31-16 Fixed
.................................... always reads 00h
15-4 I/O Base
.......................................... default = 00h
3-0
Fixed
................................ always reads 0001b
Offset D2 – SMBus Control..............................................RW
7-4
Reserved
........................................ always reads 0
3
SMBus Interrupt Select
0
SMI
.....................................................default
1SCI
2-1
Reserved
........................................ always reads 0
0
SMBus Controller Enable
0
Disable ...................................................default
1Enable
Offset D3 – SMBus Host Slave Command...................... RW
7-0
SMBus Host Slave Command Code.......... default=0
Offset D4 – SMBus Slave Address for Port 1................. RW
7-1
SMBus Slave Address for Port 1............... default=0
0
R/W for Shadow Port 1
0
Disable................................................... default
1Enable
Offset D5 – SMBus Slave Address for Port 2................. RW
7-1
SMBus Slave Address for Port 2............... default=0
0
R/W for Shadow Port 2
0
Disable................................................... default
1Enable
Offset D6 – SMBus Revision ID ....................................... RO
7-0
SMBus Revision Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96