| Moteur de recherche de fiches techniques de composants électroniques |
|
LM393DGKR Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM393DGKR Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 25 page ![]() 1OUT 1 1INí 2 1IN+ 3 GND 4 8 VCC 7 2OUT 6 2INí 5 2IN+ 0.12F Ground Bypass Capacitor Negative Supply or Ground Positive Supply 0.12F Ground Only needed for dual power supplies LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 www.ti.com 9 Power Supply Recommendations For fast response and comparison applications with noisy or AC inputs, TI recommends to use a bypass capacitor on the supply pin to reject any variation on the supply voltage. This variation can eat into the input common-mode range of the comparator and create an inaccurate comparison. 10 Layout 10.1 Layout Guidelines For accurate comparator applications without hysteresis it is important maintain a stable power supply with minimized noise and glitches, which can affect the high level input common-mode voltage range. In order to achieve this, it is best to add a bypass capacitor between the supply voltage and ground. This should be implemented on the positive power supply and negative supply (if available). If a negative supply is not being used, do not put a capacitor between the IC's GND pin and system ground. 10.2 Layout Example Figure 10. LM2903 Layout Example 12 Submit Documentation Feedback Copyright © 1979–2015, Texas Instruments Incorporated Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |