Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM393DGKR Fiches technique(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM393DGKR
Description  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DGKR Fiches technique(HTML) 23 Page - Texas Instruments

Back Button LM393DGKR Datasheet HTML 17Page - Texas Instruments LM393DGKR Datasheet HTML 18Page - Texas Instruments LM393DGKR Datasheet HTML 19Page - Texas Instruments LM393DGKR Datasheet HTML 20Page - Texas Instruments LM393DGKR Datasheet HTML 21Page - Texas Instruments LM393DGKR Datasheet HTML 22Page - Texas Instruments LM393DGKR Datasheet HTML 23Page - Texas Instruments LM393DGKR Datasheet HTML 24Page - Texas Instruments LM393DGKR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM193DR
SOIC
D
8
2500
367.0
367.0
38.0
LM2903AVQPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903AVQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DR
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903PSR
SO
PS
8
2000
367.0
367.0
38.0
LM2903PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903QDRG4
SOIC
D
8
2500
367.0
367.0
38.0
LM2903VQPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM293ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Jun-2016
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25