| Moteur de recherche de fiches techniques de composants électroniques |
|
3935 Fiches technique(PDF) 3 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
3935 Fiches technique(HTML) 3 Page - Allegro MicroSystems |
|
3 / 16 page ![]() 3935 THREE-PHASE POWER MOSFET CONTROLLER www.allegromicro.com 3 * Measured on “High-K” multi-layer PWB per JEDEC Standard JESD51-7. † Measured on typical two-sided PWB with power tabs (terminals 1, 2, 11, 12, 22, 23, 34, and 35) connected to copper foil with an area of 3.8 square inches (2452 mm2) on each side. See Application Note 29501.5, Improving Batwing Power Dissipation, for additional information. A3935KLQ (SOIC) A3935KED (PLCC) |