Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3935 Fiches technique(PDF) 13 Page - Allegro MicroSystems

No de pièce 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Fiches technique(HTML) 13 Page - Allegro MicroSystems

Back Button 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems 3935 Datasheet HTML 10Page - Allegro MicroSystems 3935 Datasheet HTML 11Page - Allegro MicroSystems 3935 Datasheet HTML 12Page - Allegro MicroSystems 3935 Datasheet HTML 13Page - Allegro MicroSystems 3935 Datasheet HTML 14Page - Allegro MicroSystems 3935 Datasheet HTML 15Page - Allegro MicroSystems 3935 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
13
A3935KED (PLCC)
Dimensions in Millimeters
(controlling dimensions)
Dimensions in Inches
(for reference only)
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative.
3. Webbed lead frame. Terminals 1, 2, 11, 12, 22, 23, 34, and 35 are internally one piece.
4. Supplied in standard sticks/tubes of 27 devices or add “TR” to part number for tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16