| Moteur de recherche de fiches techniques de composants électroniques |
|
74LCX574MTR Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LCX574MTR Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 13 page ![]() 74LCX574 6/13 Figure 4: Test Circuit CL = 50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500Ω or equivalent RT = ZOUT of pulse generator (typically 50Ω) Figure 5: Waveform - Propagation Delays, Setup And Hold Times, Maximum CK Frequency (f=1MHz; 50% duty cycle) TEST SWITCH tPLH, tPHL Open tPZL, tPLZ 6V tPZH, tPHZ GND |