| Moteur de recherche de fiches techniques de composants électroniques |
|
74LCX574MTR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LCX574MTR Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 74LCX574 2/13 Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description Table 3: Truth Table X : Don’t Care Z : High Impedance Figure 3: Logic Diagram This logic diagram has not be used to estimate propagation delays PIN N° SYMBOL NAME AND FUNCTION 1OE 3-State Output Enable Input (Active LOW) 2, 3, 4, 5, 6, 7, 8, 9 D0 to D7 Data Inputs 12, 13, 14, 15, 16, 17, 18, 19 Q0 to Q7 3-State Outputs 11 CK Clock Input (LOW-to-HIGH Edge Triggered) 10 GND Ground (0V) 20 VCC Positive Supply Voltage INPUT OUTPUT OE CK D Q HXX Z L X NO CHANGE LL L LH H |