Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83256 Fiches technique(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Fiches technique(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 74Page - National Semiconductor (TI) DP83256 Datasheet HTML 75Page - National Semiconductor (TI) DP83256 Datasheet HTML 76Page - National Semiconductor (TI) DP83256 Datasheet HTML 77Page - National Semiconductor (TI) DP83256 Datasheet HTML 78Page - National Semiconductor (TI) DP83256 Datasheet HTML 79Page - National Semiconductor (TI) DP83256 Datasheet HTML 80Page - National Semiconductor (TI) DP83256 Datasheet HTML 81Page - National Semiconductor (TI) DP83256 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
50 Registers (Continued)
534 CMT CONDITION MASK REGISTER (CMTCMR)
This is the mask register for the CMT Condition Register (CMTCR) When the bits in both the CMTCMR and CMTCR are set the
Receive Condition Register B’s Connection Service Event (RCRBCSE) bit will be set
ACCESS RULES
ADDRESS
READ
WRITE
21h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
TCOM
STEM
RES
RES
RES
RES
RES
RES
Bit
Symbol
Description
D0-D5
RES
RESERVED
Reserved for future use
D6
STEM
SCRUB TIMER EXPIRED MASK
The mask bit for the Scrub Timer Expired (STE) bit of the CMT Condition
Register (CMTCR)
D7
TCOM
TRIGGER CONDITION OCCURRED MASK
The mask bit for the Trigger Condition Occurred (TCO) bit of the
CMT Condition Register (CMTCR)
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More