Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZC821 Fiches technique(PDF) 6 Page - Zetex Semiconductors

No de pièce ZC821
Description  SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC821 Fiches technique(HTML) 6 Page - Zetex Semiconductors

  ZC821 Datasheet HTML 1Page - Zetex Semiconductors ZC821 Datasheet HTML 2Page - Zetex Semiconductors ZC821 Datasheet HTML 3Page - Zetex Semiconductors ZC821 Datasheet HTML 4Page - Zetex Semiconductors ZC821 Datasheet HTML 5Page - Zetex Semiconductors ZC821 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2001
830 series
6
ISSUE 6 - JANUARY 2002
DIM
MILLIMETRES
MIN.
MAX
A
0.800
A1
0.000
0.100
A2
0.600
0.800
b1
0.160
0.300
c
0.080
0.220
D
0.700
0.900
E
1.500
1.700
E1
1.100
1.300
L
0.200
0.400
L1
0.170
0.230
1
4
10
SOD523 PACKAGE DIMENSIONS
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
1.8
2.2
0.071
0.087
B
1.15
1.35
0.045
0.053
C
0.8
1.0
0.031
0.039
D
0.2
0.4
0.008
0.016
F
0.1
0.25
0.004
0.01
G
1.2
1.4
0.047
0.055
K
—
0.1
—
0.004
L
2.0
2.2
0.079
0.087
N
0.60
0.70
0.023
0.028
SOD323 PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6