Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YMF754-R Fiches technique(PDF) 59 Page - YAMAHA CORPORATION

No de pièce YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Fiches technique(HTML) 59 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 52Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 53Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 54Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 55Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 56Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 57Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 58Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 59Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 60Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
YMF754
June 28, 1999
-59-
YMF754-R
96
97
128
132
33
64
65
P-0.40Typ.
Unit : mm
16.00±0.40
14.00±0.30
0.16±0.10
(1.0)
0-10˚
0.50±0.20
LEAD THICKNESS : 0.125Typ. or 0.15Typ.
The shape of the molded corner may slightly different from the shape in this diagram.
The figure in the parenthesis (
) should be used as a reference.
Plastic body dimensions do not include burr of resin.
UNIT : mm
Note : The LSIs for surface mount need especial consideration on storage and soldering conditions.
For detailed information, please contact your nearest agent of Yamaha.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60