| Moteur de recherche de fiches techniques de composants électroniques |
|
YMF754-R Fiches technique(PDF) 58 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YMF754-R Fiches technique(HTML) 58 Page - YAMAHA CORPORATION |
|
58 / 60 page ![]() YMF754 June 28, 1999 -58- EXTERNAL DIMENSIONS YMF754-V 102 65 103 128 138 39 64 P-0.50Typ. 0.15Typ. or 0.17Typ. (LEAD THICKNESS) Unit : mm 22.00±0.40 20.00±0.30 0.20±0.10 (1.00) 0-15˚ 0.50±0.30 The shape of the molded corner may slightly different from the shape in this diagram. The figure in the parenthesis ( ) should be used as a reference. Plastic body dimensions do not include burr of resin. UNIT : mm Note : The LSIs for surface mount need especial consideration on storage and soldering conditions. For detailed information, please contact your nearest agent of Yamaha. |