| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2G07 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G07 Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 13 page ![]() 2004 Sep 08 8 Philips Semiconductors Product specification Buffers with open-drain outputs 74LVC2G07 VEXT VCC VI VO mna616 D.U.T. CL RT RL RL PULSE GENERATOR Fig.6 Load circuitry for switching times. Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VCC VI CL RL VEXT tPZL/tPLZ 1.65 V to 1.95 V VCC 30 pF 1 k Ω 2 × VCC 2.3 V to 2.7 V VCC 30 pF 500 Ω 2 × VCC 2.7 V 2.7 V 50 pF 500 Ω 6V 3.0 V to 3.6 V 2.7 V 50 pF 500 Ω 6V 4.5 V to 5.5 V VCC 50 pF 500 Ω 2 × VCC |