| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2G07 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G07 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 13 page ![]() 2004 Sep 08 7 Philips Semiconductors Product specification Buffers with open-drain outputs 74LVC2G07 AC CHARACTERISTICS GND = 0 V. Note 1. All typical values are measured at Tamb =25 °C and at VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT WAVEFORMS VCC (V) Tamb = −40 °C to +85 °C; note 1 tPLZ/tPZL propagation delay input nA to output nY see Figs 5 and 6 1.65 to 1.95 1.0 3.5 6.7 ns 2.3 to 2.7 0.5 2.4 4.3 ns 2.7 1.0 2.3 4.2 ns 3.0 to 3.6 0.5 2.6 3.7 ns 4.5 to 5.5 0.5 1.5 2.9 ns Tamb = −40 °C to +125 °C tPLZ/tPZL propagation delay input nA to output nY see Figs 5 and 6 1.65 to 1.95 1.0 3.5 8.4 ns 2.3 to 2.7 0.5 2.4 5.5 ns 2.7 1.0 2.3 5.3 ns 3.0 to 3.6 0.5 2.6 4.7 ns 4.5 to 5.5 0.5 1.5 3.7 ns AC WAVEFORMS mna528 tPLZ VX nY output nA input VI VCC VM VOL GND tPZL VM Fig.5 Input nA to output nY propagation delays. VOL and VOH are typical output voltage drop that occur with the output load. VCC VM VX INPUT VI tr =tf 1.65 V to 1.95 V 0.5 × VCC VOL + 0.15 V VCC ≤ 2.0 ns 2.3 V to 2.7 V 0.5 × VCC VOL + 0.15 V VCC ≤ 2.0 ns 2.7 V 1.5 V VOL + 0.3 V 2.7 V ≤ 2.5 ns 3.0 V to 3.6 V 1.5 V VOL + 0.3 V 2.7 V ≤ 2.5 ns 4.5 V to 5.5 V 0.5 × VCC VOL + 0.3 V VCC ≤ 2.5 ns |