Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V3021 Fiches technique(PDF) 13 Page - EM Microelectronic - MARIN SA

No de pièce V3021
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMMICRO [EM Microelectronic - MARIN SA]
Site Internet  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021 Fiches technique(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button V3021 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3021 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Typical Applications
V3021 Interfaced with Intel CPU (RD/WR Pulse)
Fig. 13
V3021 Interfaced with Motorola CPU (Advanced R/W)
Fig. 14
3 Wire Serial Interface
1)
With strobe low bits are written to the V3021, and with strobe high bits are read from the
V3021
2)
For serial ports with byte transfer only, an address command cycle should be combined with
every data cycle to give 8 address bits and 8 data bits. For example to read the current
minutes, write address data F + 3 (1111 + 0011) and then read 8 data bits.
Fig. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15