| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS256N Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS256N Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9823 June 1989 54LS256DM74LS256 Dual 4-Bit Addressable Latch General Description The ’LS256 is a dual 4-bit addressable latch with common control inputs these include two Address inputs (A0 A1) an active LOW enable input (E) and an active LOW Clear input (CL) Each latch has a Data input (D) and four outputs (Q0 – Q3) When the Enable (E) is HIGH and the Clear input (CL)is LOW all outputs (Q0 – Q3) are LOW Dual 4-channel demul- tiplexing occurs when the CL and E are both LOW When CL is HIGH and E is LOW the selected output (Q0 – Q3) determined by the Address inputs follows D When the E goes HIGH the contents of the latch are stored When op- erating in the addressable latch mode (E e LOW CL e HIGH) changing more than one bit of the Address (A0 A1) could impose a transient wrong address Therefore this should be done only while in the memory mode (E e CL e HIGH) Features Y Serial-to-parallel capability Y Output from each storage bit available Y Random (addressable) data entry Y Easily expandable Y Active low common clear Connection Diagram Dual-In-Line Package TLF9823 – 1 Order Number 54LS256DMQB 54LS256FMQB or DM74LS256N See NS Package Number J16A N16E or W16A Logic Symbol TLF9823 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description A0 A1 Common Address Inputs Da Db Data Inputs E Common Enable Input (Active LOW) CL Conditional Clear Input (Active LOW) Q0a–Q3a Side A Latch Outputs Q0b–Q3b Side B Latch Outputs C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM74LS256N |
|
Description similaire - DM74LS256N |
|
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |