Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS256N Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM74LS256N
Description  Dual 4-Bit Addressable Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS256N Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  DM74LS256N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS256N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS256N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS256N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS256N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS256N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
RL e 2kX
Symbol
Parameter
CL e 15 pF
Units
Max
tPLH
Propagation Delay
27
ns
tPHL
E to Qn
24
tPLH
Propagation Delay
30
ns
tPHL
Dn to Qn
20
tPLH
Propagation Delay
30
ns
tPHL
An to Qn
29
tPLH
Propagation Delay
18
ns
CL to Qn
4



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com