Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA016 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 8Page - STMicroelectronics STA016 Datasheet HTML 9Page - STMicroelectronics STA016 Datasheet HTML 10Page - STMicroelectronics STA016 Datasheet HTML 11Page - STMicroelectronics STA016 Datasheet HTML 12Page - STMicroelectronics STA016 Datasheet HTML 13Page - STMicroelectronics STA016 Datasheet HTML 14Page - STMicroelectronics STA016 Datasheet HTML 15Page - STMicroelectronics STA016 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
STA016A
12/43
0xA7
167
NB_OF_CUR_TRACK
RO
AEC
0xA8
168
NB_OF_CUR_DIR
RO
AEC
0xA9
169
CD_CUR_STATUS
RO
AEC
0xAA
170
CD_TRACK_FORMAT
RO
AEC
0xAB
171
CD_NB_OF_SUB_DIR
RO
AEC
0xAC
172
CD_NB_OF_SUB_FILE
RO
AEC
0xAD
173
DIRECTORY_LEVEL
RO
AEC
0xAE
174
DIR_IDENTIFIER_B1
RO
AEC
0xAF
175
DIR_IDENTIFIER_B2
RO
AEC
0xB0
176
DIR_IDENTIFIER_B3
RO
AEC
0xB1
177
DIR_IDENTIFIER_B4
RO
AEC
0xB2
178
VOL_IDENTIFIER_B1
RO
AEC
0xB3
179
VOL_IDENTIFIER_B2
RO
AEC
0xB4
180
VOL_IDENTIFIER_B3
RO
AEC
0xB5
181
VOL_IDENTIFIER_B4
RO
AEC
0xB6
182
EXTRACT_BYTE_IDX_B1
RW
ABO
0xB7
183
EXTRACT_BYTE_IDX_B2
RW
ABO
0xB8
184
EXTRACT_BYTE_IDX_B3
RW
ABO
0xB9
185
EXTRACT_BYTE_IDX_B4
RW
ABO
0xBA
186
EXTRACT_ADR_MODE
RW
ABO
0xBC
188
CONFIG_MODULE
RW
DEC
COMMAND
0x10
16
SOFT_RESET
WO
DWT
0x3A
58
CK_CMD
WO
DBO
0x55
85
DEC_SEL
RW
DEC
0x56
86
RUN
RW
DEC
0x52
82
CRC_IGNORE
RW
ABO
0x53
83
MUTE
RW
ABO
0x57
87
SKIP
RW
ABO
0x58
88
PAUSE
RW
ABO
Register function
Hex
Dec
Name
Type
When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43