Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA016 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 7Page - STMicroelectronics STA016 Datasheet HTML 8Page - STMicroelectronics STA016 Datasheet HTML 9Page - STMicroelectronics STA016 Datasheet HTML 10Page - STMicroelectronics STA016 Datasheet HTML 11Page - STMicroelectronics STA016 Datasheet HTML 12Page - STMicroelectronics STA016 Datasheet HTML 13Page - STMicroelectronics STA016 Datasheet HTML 14Page - STMicroelectronics STA016 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11/43
STA016A
0x86
134
CD_SONG_INFO_C1
RO
AEC
0x87
135
CD_SONG_INFO_C2
RO
AEC
0x88
136
CD_SONG_INFO_C3
RO
AEC
0x89
137
CD_SONG_INFO_C4
RO
AEC
0x8A
138
CD_SONG_INFO_C5
RO
AEC
0x8B
139
CD_SONG_INFO_C6
RO
AEC
0x8C
140
CD_SONG_INFO_C7
RO
AEC
0x8D
141
CD_SONG_INFO_C8
RO
AEC
0x8E
142
CD_SONG_INFO_C9
RO
AEC
0x8F
143
CD_SONG_INFO_C10
RO
AEC
0x90
144
CD_SONG_INFO_C11
RO
AEC
0x91
145
CD_SONG_INFO_C12
RO
AEC
0x92
146
CD_SONG_INFO_C13
RO
AEC
0x93
147
CD_SONG_INFO_C14
RO
AEC
0x94
148
CD_SONG_INFO_C15
RO
AEC
0x95
149
CD_SONG_INFO_C16
RO
AEC
0x96
150
CD_SONG_INFO_C17
RO
AEC
0x97
151
CD_SONG_INFO_C18
RO
AEC
0x98
152
CD_SONG_INFO_C19
RO
AEC
0x99
153
CD_SONG_INFO_C20
RO
AEC
0x9A
154
CD_SONG_INFO_C21
RO
AEC
0x9B
155
CD_SONG_INFO_C22
RO
AEC
0x9C
156
CD_SONG_INFO_C23
RO
AEC
0x9D
157
CD_SONG_INFO_C24
RO
AEC
0x9E
158
CD_SONG_INFO_C25
RO
AEC
0x9F
159
CD_SONG_INFO_C26
RO
AEC
0xA0
160
CD_SONG_INFO_C27
RO
AEC
0xA1
161
CD_SONG_INFO_C28
RO
AEC
0xA2
162
CD_SONG_INFO_C29
RO
AEC
0xA3
163
CD_SONG_INFO_C30
RO
AEC
0xA4
164
CD_SONG_INFO_C31
RO
AEC
0xA5
165
CD_SONG_INFO_C32
RO
AEC
0xA6
166
CD_SONG_TYPE_INFO
RO
AEC
Register function
Hex
Dec
Name
Type
When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43