| Moteur de recherche de fiches techniques de composants électroniques |
|
9535 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
9535 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 19 page ![]() 1 23456789 S 0 100 A2 A1 A0 1 A A I0.x A I1.x A I0.x 1 I1.x P R/W ACKNOWLEDGE FROM SLAVE SCL SDA ACKNOWLEDGE FROM MASTER ACKNOWLEDGE FROM MASTER ACKNOWLEDGE FROM MASTER NON ACKNOWLEDGE FROM MASTER READ FROM PORT 0 DATA INTO PORT 0 READ FROM PORT 1 DATA INTO PORT 1 INT tIR tIV SU01651 tph DATA 00 DATA 10 DATA 03 DATA 12 DATA 00 DATA 01 DATA 02 DATA 03 tps tph tps DATA 10 DATA 11 DATA 12 NOTES: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte has previously been set to 00 (read input port port register). Figure 10. READ input port register — scenario 2 |