| Moteur de recherche de fiches techniques de composants électroniques |
|
6421 Fiches technique(PDF) 13 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
6421 Fiches technique(HTML) 13 Page - Mallory performance club |
|
13 / 28 page ![]() INSTALLATION INSTRUCTIONS 13 MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 55 - 7 12 3 • F AX ( 91 5 ) 8 57 - 33 4 4 GM IGNITIONS Wiring a Dual Connector Coil. BOTH PINKS BOTH PINKS BOTH WHITES BOTH WHITES WHITE RED INDICATES CONNECTION RED RED MAGNETIC PICKUP (NOT USED) HEAVY RED HEAVY BLACK TO BATTERY TO BATTERY + ORANGE BLACK GREEN (-) VIOLET (+) BLUE WHITE/BLUE HALL-EFFECT (NOT USED) 2-STEP/LAUNCH (12V TO ACTIVATE) GRAY TACH OUTPUT NOTE:Ifthevehicleisnotequippedwithafactory tach, there will only be one white wire going to the coil. NOTE: MSD offers a direct plug in harness, PN 8876, that makes this a splice free installation. COIL WIRE A (PINK) WIRE A (PINK) WIRES B AND C WIRES B AND C FACTORY HARNESS (CUT FROM COIL) MAGNETIC PICKUP (NOT USED) HEAVY RED HEAVY BLACK TO BATTERY TO BATTERY + RED GREEN (-) VIOLET (+) WHITE BLACK ORANGE BLUE WHITE/BLUE HALL-EFFECT (NOT USED) 2-STEP/LAUNCH (12V TO ACTIVATE) GRAY TACH OUTPUT NOTE: MSD offers a direct plug in harness, PN 8877, that makes this a splice free installation. GM IGNITIONS Wiring the 1996 and up single connector coil without harness. NOTE: The coil connector is labeled A-B-C. The wire in the A port is positive (pink).The wires in B and C are coil negative wires, color will vary by application. |