| Moteur de recherche de fiches techniques de composants électroniques |
|
6421 Fiches technique(PDF) 9 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
6421 Fiches technique(HTML) 9 Page - Mallory performance club |
|
9 / 28 page ![]() INSTALLATION INSTRUCTIONS 9 MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 55 - 7 12 3 • F AX ( 91 5 ) 8 57 - 33 4 4 If everything checks positive, use the following procedure to test the ignition for spark. MSD also offers an Ignition Tester, PN 8998 or PN 8996. This tool allows you to check your complete ignition system while it is in the car as well as the operation of rpm limits, activated switches and shift lights. CHECKING FOR SPARK If triggering the ignition with the White or White/Blue wire: 1. Make sure the ignition switch is in the “Off” position. 2. Remove the coil wire from the distributor cap and set the terminal approximately 1/2" from ground. 3. Disconnect the MSD trigger wire (White or White/ Blue) from the distributor. 4. Turn the ignition to the On position. Do not crank the engine. 5. Tap the White wire to ground several times. Each time you pull the wire from ground, a spark should jump from the coil wire to ground. If spark is present, the ignition is working properly. If there is no spark skip to step 6. If triggering with the Magnetic Pickup: 1. Make sure the ignition switch is in the “Off” position. 2. Remove the coil wire from the distributor cap and set the terminal approximately 1/2" from ground. 3. Disconnect the MSD magnetic pickup wires from the distributor. 4. Turn the ignition to the On position. Do not crank the engine. 5. With a small jumper wire, short the MSD’s Green and Violet magnetic pickup wires together several times. Each time you break this short, a spark should jump from the coil wire to ground. If spark is present, the ignition is working properly. If there is no spark skip to step 6. 6. If there is no spark: A. Inspect all of the wiring. B. Substitute another coil and repeat the test. If there is now spark, the coil is at fault. C. If there is still no spark, check to make sure there are 12 volts on the small Red wire from the MSD when the key is in the On position. If 12 volts are not present, find another switched 12 volt source and repeat the test. D. If, after following the test procedures and inspecting all of the wiring, there is still no spark, the MSD Ignition is in need of repair. See the Warranty and Service section for information. The following wiring diagrams illustrate numerous installations on different vehicles and applications. If you experience difficulties when installing your MSD, contact our Customer Support Department at (915) 855-7123 (7 - 5 Mountain time) or e-mail us at: msdtech@msdignition.com WHITE WIRE TRIGGER WHITE OR WHITE/BLUE WIRE GROUND Figure 10 Checking for Spark with the Mag Pickup. Figure 9 Checking for Spark with the White Wire. MAGNETIC PICKUP TRIGGER GREEN VIOLET JUMPER WIRE |