| Moteur de recherche de fiches techniques de composants électroniques |
|
TTP259-ASFN Fiches technique(PDF) 41 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP259-ASFN Fiches technique(HTML) 41 Page - Tontek Design Technology |
|
41 / 81 page ![]() Preliminary TTP259 TonTouch TM 2015/05/25 Page 41 of 81 Ver: 1.1 P-6: IIC Module IIC is a 2-wire, bi-directional serial bus, which provides a simple, efficient way for data exchange between devices. This two-wire bus minimizes the interconnection between devices and eliminates the need for address decoders. IIC CONTROL Every IIC device must have independent slave address. User can use IICCON1<3:1> (ADR<2:0>) to select one independent slave address, the map address reference follow table. MODE ADR2 ADR1 ADR0 IIC device address 7-bit Normal mode 0 0 0 101 0000 (50H) 0 0 1 101 0001 (51H) 0 1 0 101 0010 (52H) 0 1 1 101 0011 (53H) 1 0 0 101 0100 (54H) 1 0 1 101 0101 (55H) 1 1 0 101 0110 (56H) 1 1 1 101 0111 (57H) MODE ADR2 ADR1 ADR0 IIC device address 8-bit Fast read mode 0 0 0 1010 0001 (A1H) 0 0 1 1010 0011 (A3H) 0 1 0 1010 0101 (A5H) 0 1 1 1010 0111 (A7H) 1 0 0 1010 1001 (A9H) 1 0 1 1010 1011 (ABH) 1 1 0 1010 1101 (ADH) 1 1 1 1010 1111 (AFH) Table: IIC address mapping table |