| Moteur de recherche de fiches techniques de composants électroniques |
|
TTP259-ASFN Fiches technique(PDF) 35 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP259-ASFN Fiches technique(HTML) 35 Page - Tontek Design Technology |
|
35 / 81 page ![]() Preliminary TTP259 TonTouch TM 2015/05/25 Page 35 of 81 Ver: 1.1 for TCP2. At the same time, interrupt request flag TCPxF will set activated, if software enables the corresponding interrupt enable bit, INT hardware will cause MCU interrupt service routine. .Counter Counter feature is implemented only by TCPxLD=0, the TCPxD can be zero or not that depends on software needs. User starts and stops the counter by changing the TCPxEN bit value. On the save side, reading the counter value after stopping the count by disable TCPxEN=0, if reading the counter value during value changing that means clock in happening at the same time. The reading of counter value may disrupt for transient state. If 8-bit counter is not enough for counting, user can enable the interrupt and using the data RAM as software counter for extending the counter stage. Figure: 8-bit Timer/Counter (TCP1) Figure: 12-bit Timer/Counter/PWM (TCP2) TCP1S1 TCP1S0 TCP1LD TCP1EN TCP1OV FS TCP1I TBCK TB1OV Timer/Counter M U X Preload Data Data Bus Data Bus PWMx Circuit TCP2S1 TCP2S0 TCP2LD TCP2EN TCP2OV FS OSCH TBCK TCP1OV Timer/Counter M U X Preload Data Data Bus Data Bus |