| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV8-LED5 Fiches technique(PDF) 32 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 Fiches technique(HTML) 32 Page - Lumberg |
|
32 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 32 1 1/8” C Body-Female Straight Mini Cordsets, Single Ended, 1 1/8”” Female Straight Connector, 12-Poles (11 Conductors) with Internal Threads and Molded Cable. IP 67 Rated. Color Code: IEC Cable Types: 18 AWG 728 = TPE, yellow RK 120 Part No. RK 120-728/6 F RK 120-728/12 F RK 120-728/15 F RK 120-728/20 F RK 120-728/30 F M23 Male Straight M23 Cordsets, Single Ended, Male Straight Connector, 12- and 19-Poles with Threaded Joint, External Threads and Molded Cable. IP 67 Rated. Cable Types: 242 | 256 = PUR, halogen-free, black M23 Male 90˚ M23 Cordsets, Single Ended, Male 90 ˚ Connector, 12- and 19-Poles with Threaded Joint, External Threads and Molded Cable. IP 67 Rated. Cable Types: 242 | 256 = PUR, halogen-free, black RSUF RSWUF Part No. RSUF 12-256/5 M RSUF 12-256/10 M RSUF 12-256/15 M RSUF 12-256/20 M RSUF 19-242/5 M RSUF 19-242/10 M RSUF 19-242/15 M RSUF 19-242/20 M Part No. RSWUF 12-256/5 M RSWUF 12-256/10 M RSWUF 12-256/15 M RSWUF 12-256/20 M RSWUF 19-242/5 M RSWUF 19-242/10 M RSWUF 19-242/15 M RSWUF 19-242/20 M Mini 1 1/8” -Round-Plug Connector 1 1/8”-Single-Ended Cordsets, C Body Style M23 -Round-Plug Connector Actuators, Sensors and Distribution Boxes M23-Single-Ended Cordsets |