| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV8-LED5 Fiches technique(PDF) 12 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 Fiches technique(HTML) 12 Page - Lumberg |
|
12 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 12 Actuator/Sensor Distribution Boxes M12 Distribution Boxes M12-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port, with Signal Wire Connection on Rear. IP 67 Rated. M12-Distribution Box Actuator-/Sensor-Distribution Box, Top Entry, 4-, 6- and 8-Ports, M12 Sockets, 5-Poles, 2 Signals per Port, with PUR Halogen Free Home Run Cable. IP 67 Rated. Cable Type: 256 | 332 | 242 PUR, halogen-free, black M12-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 4-, 6- and 8-Ports, M12 Sockets, 5-Poles, 2 Signals per Port, with PUR Halogen Free Home Run Cable. IP 67 Rated. Cable Type: 256 | 332 | 242 PUR, halogen-free, black Part No. ASB 8 / LED 5-4/ 1,5 M Part No. ASBV 4 5-256/5 M ASBV 4 5-256/10 M ASBV 6 5-332/5 M ASBV 6 5-332/10 M ASBV 8 5-242/5 M ASBV 8 5-242/10 M Part No. ASBV 4/LED 5-256/5 M ASBV 4/LED 5-256/10 M ASBV 4/LED 5-256/15 M ASBV 6/LED 5-332/5 M ASBV 6/LED 5-332/10 M ASBV 6/LED 5-332/15 M ASBV 8/LED 5-242/5 M ASBV 8/LED 5-242/10 M ASBV 8/LED 5-242/15 M ASB 8/LED 5-4/1,5 M ASBV ASBV.../LED M12-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 4- and 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port with Integrated Mini Quick Disconnect Home Run Connector. IP 67 Rated. Cable Type: 328 | 331 PUR, halogen-free, black Part No. ASB 4/LED 5-4-328/RS120M ASB 8/LED 5-4-331/RS120M ASB.../LED |