| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBS4-LED5-4 Fiches technique(PDF) 10 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBS4-LED5-4 Fiches technique(HTML) 10 Page - Lumberg |
|
10 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 10 Actuator/Sensor Distribution Boxes M8 Distribution Boxes Part No. ASBSM 4/LED 3 ASBSM 6/LED 3 ASBSM 8/LED 3 ASBSM 10/LED 3 M8-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 4-, 6-, 8- and 10-Port, M8 Sockets, 3-Poles, 1 Signal per Port with M12 Quick Disconnect. IP 67 Rated. Home Run Connector: RKT 12-348/...M M8-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 4-, 6-, 8-, 10- and 12-Port, M8 Sockets, 3-Poles, 1 Signal per Port, Halogen Free PUR Cable Jacket. IP 67 Rated. Cable Type: 343 | 344 | 345 | 346 | 347 PUR halogen-free, black M8-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 4-Ports, 3-Poles, M8 Sockets, 1 Signal per Port with M12 On-board Quick Disconnect. IP 67 Rated. M8-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP), Top Entry, 8 Ports, 3-Poles, M8 Sockets,1 Signal per Port, Halogen Free PUR Home Run Cable. IP 67 Rated. Cable Type: 333 PUR halogen-free, black Part No. Part No. ASBM 4/LED 3-343/5 M ASBM 10/LED 3-346/5 M ASBM 4/LED 3-343/10 M ASBM 10/LED 3-346/10 M ASBM 4/LED 3-343/15 M ASBM 10/LED 3-346/15 M ASBM 6/LED 3-344/5 M ASBM 12/LED 3-347/5 M ASBM 6/LED 3-344/10 M ASBM 12/LED 3-347/10 M ASBM 6/LED 3-344/15 M ASBM 12/LED 3-347/15 M ASBM 8/LED 3-345/5 M ASBM 8/LED 3-345/10 M ASBM 8/LED 3-345/15 M Part No. SBS 4/LED 3 Part No. SB 8/LED 3-333/5 M SB 8/LED 3-333/10 M ASBSM.../LED ASBM.../LED SBS 4/LED SB 8/LED |