Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBS4-LED5-4 Fiches technique(PDF) 33 Page - Lumberg

No de pièce ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Fiches technique(HTML) 33 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 29Page - Lumberg ASBS4-LED5-4 Datasheet HTML 30Page - Lumberg ASBS4-LED5-4 Datasheet HTML 31Page - Lumberg ASBS4-LED5-4 Datasheet HTML 32Page - Lumberg ASBS4-LED5-4 Datasheet HTML 33Page - Lumberg ASBS4-LED5-4 Datasheet HTML 34Page - Lumberg ASBS4-LED5-4 Datasheet HTML 35Page - Lumberg ASBS4-LED5-4 Datasheet HTML 36Page - Lumberg ASBS4-LED5-4 Datasheet HTML 37Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
33
M23 Female Straight
M23 Cordsets, Single Ended, Female Straight
Connector, 12- and 19-Poles with Threaded Joint
(RKUE with connected protective ground), and Molded
Cable. IP 67 Rated.
– Used to connect to pluggable actuator/sensor
distribution boxes –
Cable Types:
242 | 256
= PUR, halogen-free, black
M23 Female 90˚
M23 Cordsets, Single Ended, Female 90
˚ Connector,
12- and 19-Poles with Threaded Joint (RKUE with
connected protective ground), and Molded Cable.
IP 67 Rated.
– Used to connect to pluggable actuator/sensor
distribution boxes –
Cable Types:
242 | 256
= PUR, halogen-free, black
RKU | RKUE
RKWU | RKWUE
Part No.
RKU 12-256/5 M
RKU 12-256/10 M
RKU 12-256/15 M
RKU 12-256/20 M
RKU 19-242/5 M
RKU 19-242/10 M
RKU 19-242/15 M
RKU 19-242/20 M
RKUE 19-242/5 M
RKUE 19-242/10 M
RKUE 19-242/15 M
RKUE 19-242/20 M
Part No.
RKWU 12-256/5 M
RKWU 12-256/10 M
RKWU 12-256/15 M
RKWU 12-256/20 M
RKWU 19-242/5 M
RKWU 19-242/10 M
RKWU 19-242/15 M
RKWU 19-242/20 M
RKWUE 19-242/5 M
RKWUE 19-242/10 M
RKWUE 19-242/15 M
RKWUE 19-242/20 M
Cordsets
Single-Ended
M23 -Round-Plug Connector Actuators, Sensors and Distribution Boxes
M23-Single-Ended Cordsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More