Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBS4-LED3 Fiches technique(PDF) 12 Page - Lumberg

No de pièce SBS4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 Fiches technique(HTML) 12 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 8Page - Lumberg SBS4-LED3 Datasheet HTML 9Page - Lumberg SBS4-LED3 Datasheet HTML 10Page - Lumberg SBS4-LED3 Datasheet HTML 11Page - Lumberg SBS4-LED3 Datasheet HTML 12Page - Lumberg SBS4-LED3 Datasheet HTML 13Page - Lumberg SBS4-LED3 Datasheet HTML 14Page - Lumberg SBS4-LED3 Datasheet HTML 15Page - Lumberg SBS4-LED3 Datasheet HTML 16Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
12
Actuator/Sensor Distribution Boxes
M12 Distribution Boxes
M12-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP),
Top Entry, 8-Ports, M12 Sockets, 4-Poles, 1 Signal
per Port, with Signal Wire Connection on Rear. IP 67
Rated.
M12-Distribution Box
Actuator-/Sensor-Distribution Box, Top Entry, 4-,
6- and 8-Ports, M12 Sockets, 5-Poles, 2 Signals per
Port, with PUR Halogen Free Home Run Cable.
IP 67 Rated.
Cable Type: 256 | 332 | 242
PUR, halogen-free, black
M12-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP),
Top Entry, 4-, 6- and 8-Ports, M12 Sockets, 5-Poles,
2 Signals per Port, with PUR Halogen Free Home Run
Cable.
IP 67 Rated.
Cable Type: 256 | 332 | 242
PUR, halogen-free, black
Part No.
ASB 8 / LED 5-4/ 1,5 M
Part No.
ASBV 4 5-256/5 M
ASBV 4 5-256/10 M
ASBV 6 5-332/5 M
ASBV 6 5-332/10 M
ASBV 8 5-242/5 M
ASBV 8 5-242/10 M
Part No.
ASBV 4/LED 5-256/5 M
ASBV 4/LED 5-256/10 M
ASBV 4/LED 5-256/15 M
ASBV 6/LED 5-332/5 M
ASBV 6/LED 5-332/10 M
ASBV 6/LED 5-332/15 M
ASBV 8/LED 5-242/5 M
ASBV 8/LED 5-242/10 M
ASBV 8/LED 5-242/15 M
ASB 8/LED 5-4/1,5 M
ASBV
ASBV.../LED
M12-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 4- and 8-Ports, M12 Sockets, 4-Poles, 1 Signal
per Port with Integrated Mini Quick Disconnect Home
Run Connector. IP 67 Rated.
Cable Type: 328 | 331
PUR, halogen-free, black
Part No.
ASB 4/LED 5-4-328/RS120M
ASB 8/LED 5-4-331/RS120M
ASB.../LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More