| Moteur de recherche de fiches techniques de composants électroniques |
|
SBS4-LED3 Fiches technique(PDF) 49 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
SBS4-LED3 Fiches technique(HTML) 49 Page - Lumberg |
|
49 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 49 Cordsets Double-Ended Mini 7/8” Double-Ended Cordsets, A Body Style 7/8” A Body-Male Str (ET) to Female Str Mini Cordsets, Single Ended, 7/8” Male Straight with External Threads to Female Straight Connector, 2-, 3-, 4- and 5-Poles with Molded Cable. IP 67 Rated. Color Code: IEC Cable Types: 18 AWG 731 | 637 | 794 = TPE, yellow 603 = PVC, yellow 645 | 602 = PUR, yellow Color Code: Euro AC Cable Types: 18 AWG 601 = PVC, yellow 7/8” A Body-Male Str (ET) to Female 90˚ Mini Cordsets, Single Ended, 7/8” Male Straight with External Threads to Female 90 ˚ Connector, 2-, 3-, 4- and 5-Poles with Molded Cable. IP 67 Rated. Color Code: IEC Cable Types: 18 AWG 731 | 637 | 794 = TPE, yellow 603 = PVC, yellow 645 | 602 = PUR, yellow Color Code: Euro AC Cable Types: 18 AWG 601 = PVC, yellow RSRK 20...50 RSRKW 20...50 Part No. Part No. RSRK 20-603/0.3 M RSRK 40-637/6 F RSRK 20-603/0.6 M RSRK 40-637/12 F RSRK 20-603/1 M RSRK 40-637/15 F RSRK 20-603/2 M RSRK 40-637/20F RSRK 20-603/5 M RSRK 40-637/30F RSRK 30-731/6 F RSRK 40-602/0.3 M RSRK 30-731/12 F RSRK 40-602/0.6 M RSRK 30-731/15 F RSRK 40-602/1 M RSRK 30-731/20 F RSRK 40-602/2 M RSRK 30-731/30 F RSRK 40-602/5 M RSRK 30-645/0.3 M RSRK 40-602/10 M RSRK 30-645/0.6 M RSRK 50-794/6 F RSRK 30-645/1 M RSRK 50-794/12 F RSRK 30-645/2 M RSRK 50-794/15 F RSRK 30-645/5 M RSRK 50-794/20 F RSRK 30-601/0.3 M RSRK 50-794/30 F RSRK 30-601/0.6 M RSRK 30-601/1 M RSRK 30-601/2 M RSRK 30-601/5 M RSRK 30-601/10 M Part No. Part No. RSRKW 20-603/0.3 M RSRKW 40-637/6 F RSRKW 20-603/0.6 M RSRKW 40-637/12 F RSRKW 20-603/1 M RSRKW 40-637/15 F RSRKW 20-603/2 M RSRKW 40-637/20F RSRKW 20-603/5 M RSRKW 40-637/30F RSRKW 20-603/10 M RSRKW 40-602/0.3 M RSRKW 30-731/6 F RSRKW 40-602/0.6 M RSRKW 30-731/12 F RSRKW 40-602/1 M RSRKW 30-731/15 F RSRKW 40-602/2 M RSRKW 30-731/20 F RSRKW 40-602/5 M RSRKW 30-731/30 F RSRKW 40-602/10 M RSRKW 30-645/0.3 M RSRKW 50-794/6 F RSRKW 30-645/0.6 M RSRKW 50-794/12 F RSRKW 30-645/1 M RSRKW 50-794/15 F RSRKW 30-645/2 M RSRKW 50-794/20 F RSRKW 30-645/5 M RSRKW 50-794/30 F RSRKW 30-601/0.3 M RSRKW 30-601/0.6 M RSRKW 30-601/1 M RSRKW 30-601/2 M RSRKW 30-601/5 M RSRKW 30-601/10 M |