Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC23PS-3 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce SC23PS-3
Description  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS-3 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  SC23PS-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
28
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Construction Hardware
Aerial Cable Damper
Aerial Cable Damper
Part Number
Description
Inner
Pack
Outer
Pack
28-80001
Aerial Cable Damper
--
5
• Aluminum alloy.
• Designed to use the force of wind to aerodynamically reduce oscillation of
cable.
• Supplied with special heavy duty lashed cable supports and “D” lashing
clamps to secure to strand.
• Assembly instructions provided.
Installation:
1. Select proper size cable guard for application.
2. Place guard on cable over horizontal slots in Aerial
Cable Damper (ACD).
3. Insert lashed cable supports through horizontal slots.
Use two wraps and secure by bending end over top
of buckle. Allow 1/4” clearance between cable and
top of the ACD. The ACD must be allowed to swing
free with the wind.
4. Position lashing clamps inside lashed cable supports
and secure. Lashing clamps will restrict longitudinal
movement to cable area protected by cable guards.
5. Placement – The number of ACDs varies with the
length of cable span and terrain. The following is
recommended as a guide for maximum effectiveness.
Level Ground – Locate at span’s center for 125-170
ft. spans (Fig. 1). On spans 170-300 ft., locate two
ACDs, each one-fourth the total span length from
either pole. (Fig. 2)
Steep Grade – Locate one-tenth total span length
from pole at lower level on 125-170 ft. spans. (Fig 3).
On spans 170-300 ft., two ACDs are required. Locate
one at one-fourth the total span length from lower
pole. Locate second ACD halfway between first ACD
and uphill pole. (Fig. 4).
Note: When installing on Fig. 8 cable:
1. ACD should be secured to exposed strand.
2. ACD will have limited dampening effective in
extreme high wind conditions.
Construction
Hardware



Html Pages

1 2 3 4 5 6 7