Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC23PS-3 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SC23PS-3
Description  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS-3 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SC23PS-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
24
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Construction Hardware
Clamps
Lashing Clamps
• Used to secure lashing wire terminations.
• Mechanically galvanized ASTM B695.
• 1/4” - 7/16” clamp range.
Part Number
Description
Inner
Pack
Outer
Pack
SC07-1
Lashing Clamp
--
100
26-09010
"D" Lashing Clamp
--
100
26-09010NS
"D" Lashing Clamp no stakes
--
100
26-09020
"E" Lashing Clamp
--
100
26-09022
"E" Lashing Clamp with 2 Washers, 2 Nuts
--
100
Figure 8 Three Bolt Suspension Clamps
• Used to secure Figure 8 cable to pole.
• Center hole accommodates 1/2” or 5/8” diameter machine bolt.
• Clamp plates aluminum alloy.
• Steel bolts mechanically galvanized ASTM B695.
• Eliminates need to strip messenger.
Part Number
Description
Messenger
Size Range
Inner
Pack
Outer
Pack
28-09610
Figure 8 Three Bolt Suspension Clamp
.109" - .134"
--
25
28-09615
Figure 8 Three Bolt Suspension Clamp
.148" - .250"
--
20
Figure 8 Tangent Support Clamps
• Used to secure Figure 8 cable to pole.
• Clamp plates and J Hook aluminum alloy.
• Eliminates need to strip messenger.
Part Number
Description
Thru Bolt
Hole Size
Messenger
Size Range
Inner
Pack
Outer
Pack
28-09500
Tangent Support Clamp
5/8"
.148"-.250"
--
25
28-09600
Tangent Support Clamp
1/2"
.109"-.134"
--
25
28-19651
Tangent Support Clamp
5/8"
.109"-.134"
--
25
26-09020
26-09010



Html Pages

1 2 3 4 5 6 7