Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC440 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC440
Description  High-Speed, Low-Power, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC440 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  CLC440 Datasheet HTML 1Page - National Semiconductor (TI) CLC440 Datasheet HTML 2Page - National Semiconductor (TI) CLC440 Datasheet HTML 3Page - National Semiconductor (TI) CLC440 Datasheet HTML 4Page - National Semiconductor (TI) CLC440 Datasheet HTML 5Page - National Semiconductor (TI) CLC440 Datasheet HTML 6Page - National Semiconductor (TI) CLC440 Datasheet HTML 7Page - National Semiconductor (TI) CLC440 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
General Design Equations
The CLC440 is a unity gain stable voltage feedback
amplifier. The matched input bias currents track well over
temperature. This allows the DC offset to be minimized
by matching the impedance seen by both inputs.
Gain
The non-inverting and inverting gain equations for the
CLC440 are as follows:
Non-inverting Gain:
Inverting Gain:
Gain Bandwidth Product
The CLC440 is a voltage feedback amplifier, whose
closed-loop bandwidth is approximately equal to the
gain-bandwidth product (GBP) divided by the gain (Av).
For gains greater than 5, Av sets the closed-loop band-
width of the CLC440.
Closed Loop Bandwidth =
GBP = 230MHz
For gains less than 5, refer to the frequency response
plots to determine maximum bandwidth.
Output Drive and Settling Time Performance
The CLC440 has large output current capability. The
90mA of output current makes the CLC440 an excellent
choice for applications such as:
• Video Line Drivers
• Distribution Amplifiers
When driving a capacitive load or coaxial cable, include a
series resistance Rs to back match or improve settling
time. Refer to the “Settling Time vs. Capacitive Load” plot
in the typical performance section to determine the
recommended resistance for various capacitive loads.
When driving resistive loads of under 500
Ω, settling time
performance diminishes. This degradation occurs
because a small change in voltage on the output causes
a large change of current in the power supplies. This
current creates ringing on the power supplies. A small
resistor will dampen this effect if placed in series with the
6.8
µF bypass capacitor.
Noise Figure
Noise Figure (NF) is a measure of noise degradation
caused by an amplifier.
where,
eni = Total Equivalent Input Noise Density
Due to the Amplifier
et = Thermal Voltage Noise (
seq)
CLC440 Typical Performance Characteristics (A
V = +2, Rf = 250Ω:Vcc = + 5V, RL = 100Ω unless specified)
Ib and Ios vs. Common-Mode Voltage
Common-Mode Input Voltage (V)
-4.0
-2.4
2.4
0
4.0
0
-0.8
0.8
Ib
los
-10
-20
10
20
2.0
1.0
-1.0
-2.0
APPLICATION INFORMATION
Pulse Response
Time (5ns/div)
2.0
1.0
-1.0
-2.0
0
AV = +2
AV = -2
0.05% Settling Time vs. Capacitive Load
10
100
1000
Load Capacitance CL (pF)
80
60
40
20
0
55
45
35
25
15
+
-
Rs
1k
CL
Rs
Ts
Short Term Settling Time
Time (ns)
0
20
80
0.1
100
40
60
0.2
0
-0.1
-0.2
Long Term Settling Time
Time (s)
10
-9
10
-7
10
-1
0.1
10
0
10
-5
10
-3
0.2
0
-0.1
-0.2
10
-2
10
-4
10
-6
10
-8
1
R
R
f
g
+
−
R
R
f
g
GBP
Av
A
RR
R
v
f
g
g
=
+
()
NF
10LOG
S/N
S/N
10LOG
e
e
ii
oo
ni
2
t
2
=


=


4kTR
Typical DC Errors vs. Temperature
Temperature (C
°)
0.4
0
-60
-20
100
-0.8
-1.6
-0.4
140
6
2
-6
-14
-2
-1.2
20
60
-10
los
lb
Vio
http://www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com