Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC440 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC440
Description  High-Speed, Low-Power, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC440 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  CLC440 Datasheet HTML 1Page - National Semiconductor (TI) CLC440 Datasheet HTML 2Page - National Semiconductor (TI) CLC440 Datasheet HTML 3Page - National Semiconductor (TI) CLC440 Datasheet HTML 4Page - National Semiconductor (TI) CLC440 Datasheet HTML 5Page - National Semiconductor (TI) CLC440 Datasheet HTML 6Page - National Semiconductor (TI) CLC440 Datasheet HTML 7Page - National Semiconductor (TI) CLC440 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CLC440 Typical Performance Characteristics (A
V = +2, Rf = 250Ω:Vcc = + 5V, RL = 100Ω unless specified)
Non-Inverting Frequency Response
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
AV = 10
AV = 2
AV = 1
AV = 1(Rf = 0)
AV = 2
AV = 10
AV = 5
AV = 5
1000
Gain
Phase
Inverting Frequency Response
-360
-270
-315
-225
-180
1
10
100
Frequency (MHz)
AV -10
AV -1
AV -2
AV = -1
AV = -2
AV = -10
(Rf = 500
Ω)
AV = -5
AV -5
1000
Gain
Phase
Frequency Response vs. Load
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
RL=1K
RL=100
RL=1K
RL=100
RL=50
RL=50
1000
Gain
Phase
Frequency Response vs. Vout
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Vout = 200mVpp
1000
Gain
Phase
Vout = 2Vpp
Vout = 5Vpp
Vout = 5Vpp
Vout = 200mVpp
Vout = 2Vpp
Frequency Response vs. Capacitive Load
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
CL = 10pF
Rs = 50
1000
Gain
Phase
CL = 100pF
Rs = 30
CL = 1000pF
Rs = 5
CL = 1000pF
CL = 100pF
CL = 10pF
+
-
Rs
1k
CL
Gain Flatness and Linear Phase
0
Frequency (7.5MHz/div)
75
Gain
Phase
Open Loop Gain and Phase
1k
Frequency (Hz)
100M
Gain
Phase
10k
100k
1M
10M
80
60
40
20
0
-20
0
-90
-180
-270
BWvs.GainforTransimpedanceConfiguration
100
1000
10000
Rf
0
4
8
16
20
400
320
240
80
0
12
160
Cd = 1pF
Cd = 5pF
Cd = 20pF
BW
Cf
Rf
1000
Cf
1.6
BW
123
See dashed lines
Example
Equivalent Input Noise
Frequency (Hz)
10
1
1k
100
10k
100k
1M
10M
10
1
Voltage = 3.5nV/
√Hz
Current = 2.5pA/
√Hz
100M
Harmonic Distortion vs. Frequency
Frequency (MHz)
-45
-55
-95
0.1
1
10
-75
-85
-65
3rd RL = 100
2nd RL = 1k
3rd RL = 1k
2nd RL = 100
50
Vo = 2Vpp
1dB Compression
Output Power (Pout)
-4
0
16
50MHz
100MHz
5MHz
20MHz
48
12
+
-
50
Ω
50
Ω
Pout
250
Ω
250
Ω
Input and Output VSWR
Frequency (20MHz/div)
0
200
Input
Output
1.0
1.4
1.8
2.2
40
80
120
160
+
-
50
Ω
Output
50
Ω
250
Ω
50
Ω
Input
PSRR, CMRR, and Closed Loop Rout
Frequency (Hz)
45
35
10k
100k
100M
15
25
100
80
40
0
60
5
1M
10M
20
CMRR
Rout
PSRR
Differential Gain and Phase
Number of 150
Ω Loads
0.12
1
2
3
0.04
0
0.08
Gain
Positive Sync
Phase
Negative Sync
4
Gain
Negative Sync
Phase
Positive Sync
2-Tone, 3rd Order Intermodulation Intercept
1
10
100
Frequency (MHz)
50
40
30
20
10
0
+
-
50
Ω
Pout
250
Ω
250
Ω
50
Ω
3
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com