| Moteur de recherche de fiches techniques de composants électroniques |
|
RT9451 Fiches technique(PDF) 25 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9451 Fiches technique(HTML) 25 Page - Richtek Technology Corporation |
|
25 / 37 page ![]() RT9451 25 DS9451-00 September 2013 www.richtek.com © Copyright 2013 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Interrupt Register 3 (INT3) Address - 0x0Ah Data Bit D7 D6 D5 D4 D3 D2 D1 D0 Field Name BSTVINOVI BSTOLI BSTLOWVI BSTBATOVI BST32SI Not used Not used Not used Read/Write R R R R R R R R Reset Value 0 0 0 0 0 0 0 0 Field Name Bit Definition (1) BSTVINOVI Boost fault. VIN OVP (VIN > VIN_BOVP) BSTOLI Boost fault. Over load. BSTLOWVI Boost fault. Battery voltage is too low. BSTBATOVI Boost fault. Battery over voltage. BST32SI Boost fault. 32s time-out fault. Not used N/A Not used N/A Not used N/A (1) All charger faults result in disabling the charger (CH_EN [1:0] = 00). Interrupt MASK Register 1 (MASK1) Address - 0x0Bh Data Bit D7 D6 D5 D4 D3 D2 D1 D0 Field Name TSDM VINOVPM Not used Not used Not used Not used Not used Not used Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Reset Value 0 0 0 0 0 0 0 0 Field Name Bit Definition (1) TSDM TSD fault interrupt mask 0 – Interrupt not masked 1 – Interrupt masked VINOVPM VIN OVP fault interrupt mask 0 – Interrupt not masked 1 – Interrupt masked Not used N/A Not used N/A Not used N/A Not used N/A Not used N/A Not used N/A (1) Setting any of the interrupt mask bits does not disable protection circuits. When set, the respective fault will not be signaled on the INT pin. |