Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLF252010MT-R47N Fiches technique(PDF) 6 Page - TDK Electronics

No de pièce VLF252010MT-R47N
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

VLF252010MT-R47N Fiches technique(HTML) 6 Page - TDK Electronics

  VLF252010MT-R47N Datasheet HTML 1Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 2Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 3Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 4Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 5Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 6Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 7Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 8Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vlf252010mt_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLF252010MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the nominal value)
Itemp: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
DC resistance
Rated current
Part No.
Isat
Isat
Itemp
(μH)
Tolerance
(MHz)
(
: )max.
(
: )typ.
(A)max.
(A)typ.
(A)typ.
0.47
±30%
1.0
0.029
0.024
1.84
2.04
3.35
VLF252010MT-R47N
0.68
±30%
1.0
0.043
0.036
1.53
1.70
2.70
VLF252010MT-R68N
1.0
±30%
1.0
0.059
0.049
1.27
1.41
2.25
VLF252010MT-1R0N
1.5
±30%
1.0
0.090
0.075
0.99
1.10
1.83
VLF252010MT-1R5N
2.2
±20%
1.0
0.12
0.10
0.83
0.92
1.47
VLF252010MT-2R2M
3.3
±20%
1.0
0.19
0.16
0.68
0.75
1.15
VLF252010MT-3R3M
4.7
±20%
1.0
0.30
0.25
0.57
0.64
0.95
VLF252010MT-4R7M
6.8
±20%
1.0
0.36
0.30
0.47
0.53
0.85
VLF252010MT-6R8M
10.0
±20%
1.0
0.59
0.49
0.39
0.44
0.66
VLF252010MT-100M
15.0
±20%
1.0
0.87
0.73
0.31
0.34
0.53
VLF252010MT-150M
22.0
±20%
1.0
1.26
1.05
0.26
0.29
0.45
VLF252010MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Keysight Technologies
DC resistance
VP-2941A
Panasonic
Rated current Isat
4285A+42841A+42842C
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com