Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLF252010MT-R47N Fiches technique(PDF) 3 Page - TDK Electronics

No de pièce VLF252010MT-R47N
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

VLF252010MT-R47N Fiches technique(HTML) 3 Page - TDK Electronics

  VLF252010MT-R47N Datasheet HTML 1Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 2Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 3Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 4Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 5Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 6Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 7Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 8Page - TDK Electronics VLF252010MT-R47N Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vlf252010mt_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
A DC-DC converter with top-class voltage conversion efficiency for similar products was achieved by optimizing the magnetic material
and configuration.
Low-profile product.
High magnetic shield construction and compatible with high-density mounting.
Halogen-free compatible product.
APPLICATION
Smart phones, tablet terminals, HDDs, SSDs, DVCs, DSCs, mobile display panels, portable game devices, compact power supply
modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Overview of VLF252010MT Type
VLF
252010
M
T
-
R47
N
Series name
L×W×H Dimensions
internal code
Packaging style
Inductance
Inductance
tolerance
(mm max.)
(μH)
252010
2.5×2.0×1.0
T
Taping
R47
0.47
M
±20%
1R5
1.5
N
±30%
220
22
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(g)
VLF252010MT
–40 to +105
–40 to +105
2000
0.017
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com